PART |
Description |
Maker |
ISL62386 ISL62386HRTZ ISL62386HRTZ-T |
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
|
Intersil Corporation
|
MAX8745ETJ |
High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
|
Maxim Integrated Products
|
ISL6236IRZA-T |
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers 3.3 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp.
|
CAT3647 CAT3647HV3-GT2 |
3-Channel Ultra High Efficiency Quad-Mode?/a> LED Driver with 32 Dimming Levels 3-Channel Ultra High Efficiency Quad-Mode垄芒 LED Driver with 32 Dimming Levels
|
Catalyst Semiconductor
|
ISL62383CHRTZ ISL62382HRTZ |
DUAL SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PQCC28 High-Efficiency, Quad-Output System Power Supply Controller for Notebook Computers; Temperature Range: Hi-Temp Comm; Package: 32-TQFN
|
INTERSIL CORP
|
ADDAC71H-COB-V ADDAC71H-COB-I ADDAC71H-CSB-V ADDAC |
500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 16-Bit Digital-to-Analog Converter 16位数字到模拟转换
|
ATM Electronic, Corp. Carlo Gavazzi Bourns, Inc.
|
CAT3644HV3-GT2 CAT3644HV3-T2 |
4-Channel Ultra High Efficiency Quad-Mode LED Driver
|
Rectron Semiconductor
|
CAT3637 |
6-Channel Programmable High Efficiency Quad-Mode LED Driver
|
ON Semiconductor
|
CAT3644 CAT3644HV3-T2 |
4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
|
Catalyst Semiconductor
|
BFR92AW |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN 5 GHz wideband transistor
|
PHILIPS[Philips Semiconductors]
|
CAT3648HV3-GT2 |
4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
|
ON Semiconductor
|
HM62V8512B HM62V8512BLFP-7 HM62V8512BLFP-7SL HM62V |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP -40 to 85 4 M SRAM (512-kword x 8-bit)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|